| Moteur de recherche de fiches techniques de composants électroniques |
|
ATSAM2533 Fiches technique(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM2533 Fiches technique(HTML) 1 Page - ATMEL Corporation |
|
1 / 19 page ![]() Features • Single Chip Synthesizer + Effects, Typical Application Includes: – Wavetable Synthesis, Serial Midi In & Out, Parallel MIDI – Effects: Reverb + Chorus, on MIDI and/or Audio In – Surround on 2 or 4 Speakers with Intensity/Delay Control – Equalizer: 4 Bands, Parametric – Audio-In Processing through Echo, Equalizer, Surround • Low Chip Count – Synthesizer, ROM/Flash, DAC – Effects RAM is Built-in (32K x 16) • Low Power – 23 mA Typ. Operating – Single 3.3V Supply – Built-in 1.8V Regulator with Power Down Mode • High Quality Wavetable Synthesis – 16-bit Samples, 48 kHz Sampling Rate, 24 dB Digital Filter per Voice – Up to 64 Voices Polyphony – Up to 16 Mega x 16 ROM for Firmware, and PCM Data • Available Wavetable Firmware and Sample Sets – CleanWave8 Low Cost General MIDI 1 Megabyte Firmware + Sample Set – CleanWave32 High Quality 4 Megabyte Firmware + Sample Set – CleanWave64 Top Quality 8 Megabyte Firmware + Sample Set – Other Sample Sets Available under Special Conditions • Fast Product to Market – Enhanced P16 Processor with C Compiler – Built-in ROM Debugger – Flash Programmer through Dedicated Pin • Small Footprint – 14 x 14 mm, 0.5 mm Pitch, 100-lead LQFP Package • Typical Applications – Portable Telephones – Computer Karaokes, Portable Karaokes – Keyboards, Portable Keyboards Instruments 1. Description The ATSAM2533 is a low cost derivative of the ATSAM97xx series. It retains the same high quality synthesis with up to 64 voices polyphony. The ATSAM2533 maxi- mum wavetable memory is 32 MBytes and the parallel communication is through a standard 8-bit port. The integrated 32K x 16 RAM allows for high quality effects without additional components. The highly integrated architecture from ATSAM2533 combines a specialized high per- formance RISC-based digital signal processor (Synthesis/DSP) and a general purpose 16-bit CISC-based control processor on a single chip. An on-chip memory management unit (MMU) allows the synthesis/DSP and the control processor to share external ROM and/or RAM memory devices. An intelligent peripheral I/O interface function handles other I/O interfaces, such as the 8-bit parallel, the on-chip MIDI Audio Processing ATSAM2533 Low-power Synthesizer with Effects and Built-in RAM 6396A–DRMSD–15-Oct-08 |
Numéro de pièce similaire - ATSAM2533 |
|
Description similaire - ATSAM2533 |