| Moteur de recherche de fiches techniques de composants électroniques |
|
CMS3216LAH Fiches technique(PDF) 25 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS3216LAH Fiches technique(HTML) 25 Page - FIDELIX |
|
25 / 46 page ![]() Rev0.2, Aug. 2006 CMS3216LAx-75Ex A fixed-length READ burst or a full-page burst may be fol- lowed by, or truncated with, a PRECHARGE command to the same bank . The PRECHARGE command should be issued x cycles before the clock edge at which the last desired data element is valid, where x equals the CAS latency minus one. This is shown in Figure 9. for each possible CAS latency; data element n + 3 is either the last of a burst of four or the last desired of a longer burst. Following the PRECHARGE comman- d, a subsequent command to the same bank cannot be issued until tRP is met. Note that part of the row precharge time is hidden during the access of the last data element(s). The BURST TERMINATE command should be issued x cycles before the clock edge at which the last desired data element is valid, where x equals the CAS latency minus one. This is shown in Figure 10. for each possible CAS latency; data element n + 3 is the last desired data element of a longer burst. Figure 9. Read to Precharge T0 T1 T2 CAS Latency=1 T3 T4 T5 Dout n Dout n+1 Dout n+2 Dout n+3 Read NOP NOP NOP Precharge NOP Bank a Col n Bank (a or all) X=0cycles T6 NOP T7 Active Bank a Row tRP T0 T1 T2 CAS Latency=2 T3 T4 T5 Dout n Dout n+1 Dout n+2 Dout n+3 Read NOP NOP NOP Precharge NOP Bank a Col n Bank (a or all) X=1cycles T6 NOP T7 Active Bank a Row tRP CLK Command Address DQ CLK Command Address DQ |