Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMS4A16LAH Fiches technique(PDF) 32 Page - FIDELIX

No de pièce CMS4A16LAH
Description  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIDELIX [FIDELIX]
Site Internet  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAH Fiches technique(HTML) 32 Page - FIDELIX

Back Button CMS4A16LAH Datasheet HTML 28Page - FIDELIX CMS4A16LAH Datasheet HTML 29Page - FIDELIX CMS4A16LAH Datasheet HTML 30Page - FIDELIX CMS4A16LAH Datasheet HTML 31Page - FIDELIX CMS4A16LAH Datasheet HTML 32Page - FIDELIX CMS4A16LAH Datasheet HTML 33Page - FIDELIX CMS4A16LAH Datasheet HTML 34Page - FIDELIX CMS4A16LAH Datasheet HTML 35Page - FIDELIX CMS4A16LAH Datasheet HTML 36Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Rev. 0.5, May. ‘07
CMS4A16LAx–75Ex
32
Data for a fixed-length WRITE burst a full-page WRITE burst
may be followed by, or truncated with, a PRECHARGE com-
mand to the same bank.The PRECHARGE command should
be issued tWR after the clock edge at which the last desired
input data element is registered. The auto precharge mode
requires a tWR of at least one clock plus time, regardless of
frequency. In addition, when truncating a WRITE burst, the
DQM signal must be used to mask input data for the clock edge
prior to, and the clock edge coincident with, the PRECHARGE
command. An example is shown in Figure 19.
Data n + 1 is either the last of a burst of two or the last desired
of a longer burst. Following the PRECHARGE command, a
subsequent command to the same bank cannot be issued until
tRP is met.
Figure 16. Write to Write - Transition from a burst of 2 to a single write
Figure 15. Write Burst - Burst length of 2
T0
T1
T2
CLK
Command
Address
Write
NOP
T3
NOP
NOP
Bank
Col n
DQ
Din
n
Din
n+1
T0
T1
T2
CLK
Command
Address
Write
NOP
Write
Bank
Col n
DQ
Din
n
Din
n+1
Bank
Col b
Din
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46