Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM3703 Fiches technique(PDF) 5 Page - ATMEL Corporation

No de pièce ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Fiches technique(HTML) 5 Page - ATMEL Corporation

  ATSAM3703 Datasheet HTML 1Page - ATMEL Corporation ATSAM3703 Datasheet HTML 2Page - ATMEL Corporation ATSAM3703 Datasheet HTML 3Page - ATMEL Corporation ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
6237A–DRMSD–29-May-06
ATSAM3703
4.
Typical Application Examples
4.1
Low Cost, High Quality Effect
Figure 4-1.
• High quality, full 24-bit multi-effects like reverb, chorus, compressor, etc.
• Stereo 10-band graphic equalizer
4.2
Host-controlled MP3 Player
Figure 4-2.
• ATSAM3703 firmware download from host (when using parallel interface)
• Choice of host communication interfaces:
– 8-bit parallel
– Asynchronous serial
– Synchronous serial (SPI
• Full MP3 support including very low bit rates extension (ISO/IEC 13818-3).
• Easily upgradable to other coding standards
4.3
Toys with “Artificial Intelligence”
Figure 4-3.
• Speech recognition
• Learning functions
• ADPCM record / play
ATSAM3703
ADC
DAC
Stereo Audio In/Out
Switches,
LCD Display
MIDI
ATSAM3703
DAC
Stereo Audio Out
Copmpressed
Audio
(from host)
ATSAM3703
ADC
DAC
Audio In/Out
Switches,
Motor
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36