Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMP0417AA4 Fiches technique(PDF) 9 Page - FIDELIX

No de pièce CMP0417AA4
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIDELIX [FIDELIX]
Site Internet  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA4 Fiches technique(HTML) 9 Page - FIDELIX

Back Button CMP0417AA4 Datasheet HTML 4Page - FIDELIX CMP0417AA4 Datasheet HTML 5Page - FIDELIX CMP0417AA4 Datasheet HTML 6Page - FIDELIX CMP0417AA4 Datasheet HTML 7Page - FIDELIX CMP0417AA4 Datasheet HTML 8Page - FIDELIX CMP0417AA4 Datasheet HTML 9Page - FIDELIX CMP0417AA4 Datasheet HTML 10Page - FIDELIX CMP0417AA4 Datasheet HTML 11Page - FIDELIX CMP0417AA4 Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
9
1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with
asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write
ends at the earliest transition when /CS goes high and /WE goes high. The tWP is measured from the beginning of write to
the end of write.
2. tCW is measured from the /CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high.
5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 160us.
PAGE WRITE CYCLE (Address controlled, /ZZ=VIH)
A4~A20
/CS
/UB, /LB
/WE
Data Out
tAS(3)
High-Z
Data Undefined
Data Valid
tDW
tOW
tWHZ
Data in
A0~A3
tWC
tPC
tPC
tPC
tPC
tPC
tPC
tPC
High-Z
tDH
Data Valid
tDH
tDW
tDH
tDW
tDH tDW tDH
tDW
tDH tDW
tDH
tDW
tDH
tDW
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
tMRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12