| Moteur de recherche de fiches techniques de composants électroniques |
|
08052C103MAT2A Fiches technique(PDF) 4 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
08052C103MAT2A Fiches technique(HTML) 4 Page - AVX Corporation |
|
4 / 18 page ![]() 15 X7R Dielectric Capacitance Range Letter A C E G J K M N P Q X Y Z Max. 0.33 0.56 0.71 0.86 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.022) (0.028) (0.034) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED PREFERRED SIZES ARE SHADED SIZE 1210 1812 1825 2220 2225 Soldering Reflow Only Reflow Only Reflow Only Reflow Only Reflow Only Packaging Paper/Embossed All Embossed All Embossed All Embossed All Embossed (L) Length MM 3.20 ± 0.20 4.50 ± 0.30 4.50 ± 0.30 5.70 ± 0.40 5.72 ± 0.25 (in.) (0.126 ± 0.008) (0.177 ± 0.012) (0.177 ± 0.012) (0.225 ± 0.016) (0.225 ± 0.010) (W) Width MM 2.50 ± 0.20 3.20 ± 0.20 6.40 ± 0.40 5.00 ± 0.40 6.35 ± 0.25 (in.) (0.098 ± 0.008) (0.126 ± 0.008) (0.252 ± 0.016) (0.197 ± 0.016) (0.250 ± 0.010) (t) Terminal MM 0.50 ± 0.25 0.61 ± 0.36 0.61 ± 0.36 0.64 ± 0.39 0.64 ± 0.39 (in.) (0.020 ± 0.010) (0.024 ± 0.014) (0.024 ± 0.014) (0.025 ± 0.015) (0.025 ± 0.015) WVDC 10 16 25 50 100 200 500 50 100 200 500 50 100 6.3 50 100 200 50 100 Cap 100 (pF) 150 220 330 470 680 1000 1500 J J J J J J M 2200 J J J J J J M 3300 J J J J J J M 4700 J J J J J J M 6800 J J J J J J M Cap 0.010 J J J J J J M K K K K M M X X X X M P (µF 0.015 J J J J J J P K K K P M M X X X X M P 0.022 J J J J J J Q K K K P M M X X X X M P 0.033 J J J J J J K K K X M M X X X X M P 0.047 J J J J J J K K K Z M M X X X X M P 0.068 J J J J J M K K K M M X X X X M P 0.10 J J J J J M K K K M M X X X X M P 0.15 J J J J M K K P M M X X X X M P 0.22 J J J J P K K P M M X X X M P 0.33 J J J J Z K M M M X X X M P 0.47 M M M M Z K P M M X X X M P 0.68 M M P X Z M Q M X X X M P 1.0 N N P X Z M X M Z M P 1.5 N N MM X 2.2 X Z M 3.3 4.7 Q Z 10 Z 22 47 100 WVDC 10 16 25 50 100 200 500 50 100 200 500 50 100 6.3 50 100 200 50 100 SIZE 1210 1812 1825 2220 2225 L W T t |