| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2002IPWR Fiches technique(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPWR Fiches technique(HTML) 67 Page - Texas Instruments |
|
67 / 88 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007 67 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Port P2 (P2.7) pin schematics, MSP430x20x2 LFXT1 off P2SEL.6 Bus Keeper EN Direction 0: Input 1: Output P2SEL.7 1 0 P2DIR.7 P2IN.7 P2IRQ.7 D EN Module X IN 1 0 Module X OUT P2OUT.7 Interrupt Edge Select Q EN Set P2SEL.7 P2IES.7 P2IFG.7 P2IE.7 P2.7/XOUT 1 0 DVSS DVCC P2REN.7 Pad Logic LFXT1 Oscillator BCSCTL3.LFXT1Sx = 11 0 1 1 LFXT1CLK From P2.6/XIN P2.6/XIN/TA1 Port P2 (P2.7) pin functions, MSP430x20x2 PIN NAME (P2 X) X FUNCTION CONTROL BITS / SIGNALS PIN NAME (P2.X) X FUNCTION P2DIR.x P2SEL.x P2.7/XOUT 7 P2.7 Input/Output 0/1 0 / DVSS 0 1 XOUT†(seeNote3) 1 1 † Default after reset (PUC/POR) NOTES: 1. N/A: Not available or not applicable. 2. X: Don’t care. 3. If the pin P2.7/XOUT is used as an input a current can flow until P2SEL.7 is cleared due to the oscillator output driver connection to this pin after reset. |