Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC4539 Fiches technique(PDF) 13 Page - Semtech Corporation

No de pièce SC4539
Description  High Effi ciency Boost Converter for up to 6 LEDS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4539 Fiches technique(HTML) 13 Page - Semtech Corporation

Back Button SC4539 Datasheet HTML 6Page - Semtech Corporation SC4539 Datasheet HTML 7Page - Semtech Corporation SC4539 Datasheet HTML 8Page - Semtech Corporation SC4539 Datasheet HTML 9Page - Semtech Corporation SC4539 Datasheet HTML 10Page - Semtech Corporation SC4539 Datasheet HTML 11Page - Semtech Corporation SC4539 Datasheet HTML 12Page - Semtech Corporation SC4539 Datasheet HTML 13Page - Semtech Corporation SC4539 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Outline Drawing – MLPD-UT-8 2x2
2.00
. 079
PIN 1
INDICATOR
(LASER MARK)
A1
SEATING
PLANE
C
B
A
aaa C
1
N
E
2.10
2.10
1.90
1.90
. 083
. 083
. 075
. 075
2
A2
D
e/2
e
bxN
bbb
C A B
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
D1
. 061 . 067 . 071 1.55 1.70 1.80
E1
. 026 . 031 . 035 0.65 0.80 0.90
D/2
E/2
E
LxN
D1
E1
INCHES
. 020 BSC
b
. 007
bbb
aaa
N
L
e
D
. 012
DIM
A1
A2
A
MIN
. 000
.020
0.30
0.18
. 012
0.25
. 010
0.40
0.30
. 004
. 003
8
. 014
. 079
. 016
0.08
0.10
8
0.35
2.00
0. 50 BSC
MILLIMETERS
MAX
0.05
0.60
DIMENSIONS
MIN
0.00
NOM
(.006)
-
-
MAX
. 002
. 024
NOM
0.50
-
(0. 1524)
-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
(ANGLES IN DEGREES).
NOTES:
1.
A
SC4539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14