Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC620EVB Fiches technique(PDF) 5 Page - Semtech Corporation

No de pièce SC620EVB
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620EVB Fiches technique(HTML) 5 Page - Semtech Corporation

  SC620EVB Datasheet HTML 1Page - Semtech Corporation SC620EVB Datasheet HTML 2Page - Semtech Corporation SC620EVB Datasheet HTML 3Page - Semtech Corporation SC620EVB Datasheet HTML 4Page - Semtech Corporation SC620EVB Datasheet HTML 5Page - Semtech Corporation SC620EVB Datasheet HTML 6Page - Semtech Corporation SC620EVB Datasheet HTML 7Page - Semtech Corporation SC620EVB Datasheet HTML 8Page - Semtech Corporation SC620EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC620
5
Electrical Characteristics (continued)
Parameter
Symbol
Condition
Min
Typ
Max
Units
I2C Timing (continued)
Bus-Free Time Between
STOP and START
t
BUF
1.3
μs
Interface Start-up Time
t
EN
Bus Start-up Time After EN Pin is
Pulled High
350
μs
Notes:
(1) Current step size = 500μA - See Table 1 for other step size options.
(2) Outputs are disabled but I2C bus is active
(3) Current gain register set to maximum value - see Control Register section for details.
(4) Current gain register set to minimum value - see Control Register section for details.
(5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18