Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND5N07 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VND5N07
Description  OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics VND5N07 Datasheet HTML 10Page - STMicroelectronics VND5N07 Datasheet HTML 11Page - STMicroelectronics VND5N07 Datasheet HTML 12Page - STMicroelectronics VND5N07 Datasheet HTML 13Page - STMicroelectronics VND5N07 Datasheet HTML 14Page - STMicroelectronics VND5N07 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
VND5N07/VND5N07-1/VNP5N07FI/K5N07FM
Table 14. SOT-82FM Mechanical Data
Figure 35. SOT-82FM Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
Min
Typ
Max
A2.85
3.05
A1
1.47
1.67
b
0.40
0.60
b1
1.4
1.6
b2
1.3
1.5
c
0.45
0.6
D
10.5
10.9
e2.2
2.8
E
7.45
7.75
L
15.5
15.9
L
1 1.95
2.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15