Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN800PT Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce VN800PT
Description  HIGH SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PT Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button VN800PT Datasheet HTML 14Page - STMicroelectronics VN800PT Datasheet HTML 15Page - STMicroelectronics VN800PT Datasheet HTML 16Page - STMicroelectronics VN800PT Datasheet HTML 17Page - STMicroelectronics VN800PT Datasheet HTML 18Page - STMicroelectronics VN800PT Datasheet HTML 19Page - STMicroelectronics VN800PT Datasheet HTML 20Page - STMicroelectronics VN800PT Datasheet HTML 21Page - STMicroelectronics VN800PT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18/22
VN800S / VN800PT
DIM.
MIN.
TYP
MAX.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B
0.40
0.60
B2
5.20
5.40
C
0.45
0.60
C2
0.48
0.60
D1
5.1
D
6.00
6.20
E
6.40
6.60
E1
4.7
e
1.27
G
4.90
5.25
G1
2.38
2.70
H
9.35
10.10
L2
0.8
1.00
L4
0.60
1.00
R
0.2
V2
0º
8º
Package Weight
Gr. 0.3
PPAK MECHANICAL DATA
P032T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22