Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2925 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2925 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 17Page - NXP Semiconductors LPC2925 Datasheet HTML 18Page - NXP Semiconductors LPC2925 Datasheet HTML 19Page - NXP Semiconductors LPC2925 Datasheet HTML 20Page - NXP Semiconductors LPC2925 Datasheet HTML 21Page - NXP Semiconductors LPC2925 Datasheet HTML 22Page - NXP Semiconductors LPC2925 Datasheet HTML 23Page - NXP Semiconductors LPC2925 Datasheet HTML 24Page - NXP Semiconductors LPC2925 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
21 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
6.10.2 Pin description
6.10.3 Clock description
Access to the USB registers is clocked by the CLK_SYS_USB, derived from
BASE_SYS_CLK, see Section 6.7.2. The CGU1 provides an independent base clock to
the USB block, BASE_USB_CLK (see Section 6.15.3).
Table 11.
USB device port pins
Pin name
Direction
Description
USB_VBUS
I
USB_VBUS status input. When this function is not enabled
via its corresponding PINSEL register, it is driven HIGH
internally.
USB_D+
I/O
Positive differential data
USB_D
−
I/O
Negative differential data
USB_CONNECT
O
SoftConnect control signal
USB_UP_LED
O
GoodLink LED control signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81