| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2921 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 81 page ![]() LPC2921_2923_2925_0 © NXP B.V. 2008. All rights reserved. Preliminary data sheet Rev. 00.01 — 24 October 2008 3 of 81 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN and LIN 3. Ordering information 3.1 Ordering options Table 1. Ordering information Type number Package Name Description Version LPC2921FBD100 LQFP100 plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm SOT407-1 LPC2923FBD100 LQFP100 plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm SOT407-1 LPC2925FBD100 LQFP100 plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm SOT407-1 Table 2. Part options Type number Flash memory SRAM (incl. ETB SRAM) USB device UART RS485 LIN 2.0/ UART CAN Package LPC2921FBD100 128 kB 24 kB yes 2 2 2 LQFP100 LPC2923FBD100 256 kB 24 kB yes 2 2 2 LQFP100 LPC2925FBD100 512 kB 40 kB yes 2 2 2 LQFP100 |