Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC471AEVB Fiches technique(PDF) 1 Page - Semtech Corporation

No de pièce SC471AEVB
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471AEVB Fiches technique(HTML) 1 Page - Semtech Corporation

  SC471AEVB Datasheet HTML 1Page - Semtech Corporation SC471AEVB Datasheet HTML 2Page - Semtech Corporation SC471AEVB Datasheet HTML 3Page - Semtech Corporation SC471AEVB Datasheet HTML 4Page - Semtech Corporation SC471AEVB Datasheet HTML 5Page - Semtech Corporation SC471AEVB Datasheet HTML 6Page - Semtech Corporation SC471AEVB Datasheet HTML 7Page - Semtech Corporation SC471AEVB Datasheet HTML 8Page - Semtech Corporation SC471AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC471/SC471A
Synchronous Buck Controller with
Multi-Level VOUT Transition Support
POWER MANAGEMENT
Description
Features
Applications
Notebook/Sub-Notebook Graphics Voltage
Controllers
Tablet PCs
Embedded Applications
V
OUT Programmable 0.75V to 5.25V with Integrated
Transition Support
V
BAT Range 3V to 25V
Soft Shutoff at Output
Current Sense Using Low-side R
DS(ON) or Resistor
Sensing
Adjustable Cycle-by-Cycle Valley Current Limit
325kHz Fixed-Frequency
Constant On-Time for Fast Dynamic Response and
Reduced Output Capacitance
Automatic Smart Power Save†
Internal Soft-Start
Over-Voltage/Under-Voltage Fault Protection
Power Good Output with Transition Blanking
1μA Typical Shutdown Current
500μA Typical Operating Current
Tiny 3×3mm, 16 Pin MLPQ Package
Low External Part Count
Industrial Temperature Range
0.85% Internal Reference
1A/3A Non-Overlapping Gate Drive with
SmartDriver™ Technology
High Efficiency > 90%
This Product is Fully WEEE and RoHS Compliant
†Patent Pending
Mar 19, 2008
The SC471/A is a versatile, constant on-time synchronous
buck, pseudo-fixed-frequency, PWM controller intended for
notebook computers and other battery operated portable
devices. The SC471/A contains all the features needed to
provide cost-effective control of system elements needing
voltage slewing. Two integrated switches provide four
resistor-programmable DC output voltages, controlled by
the G0 and G1 inputs.
The output voltage is adjustable from 0.75V to 5V.
Additional features for each output include cycle-by-cycle
current limit, voltage soft-start, under-voltage protection,
programmable over-current protection, soft shutdown,
automatic power save and non-overlapping gate drive.
The SC471/A provides an enable input and a power good
output which is automatically blanked during output
voltage transitions.
The constant on-time topology provides fast dynamic
response. The excellent transient response means that
SC471/A based solutions require less output capacitance
than competing fixed-frequency converters. Switching
frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
will increase or decrease to counter the change in
output voltage. After the transient event, the controller
frequency returns to steady state operation. At light loads,
the automatic power save mode reduces the SC471/A
frequency for improved efficiency.


Numéro de pièce similaire - SC471AEVB

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC471A SEMTECH-SC471A Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471AMLTRT SEMTECH-SC471AMLTRT Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Description similaire - SC471AEVB

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Semtech Corporation
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC475A SEMTECH-SC475A Datasheet
602Kb / 27P
Synchronous Buck Controller with Dual-Level VOUT Transition Support
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3892EFE-1 LINER-LTC3892EFE-1 Datasheet
746Kb / 14P
PolyPhase High VOUT Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27