| Moteur de recherche de fiches techniques de composants électroniques |
|
HRSC6BA8 Fiches technique(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
HRSC6BA8 Fiches technique(HTML) 2 Page - Semtech Corporation |
|
2 / 3 page ![]() 2 2006 Semtech Corp. www.semtech.com POWER DISCRETES SC6BA2, SC6BA4, SC6BA6, SC6BA8 Electrical Specifications t r a P r e b m u N t n e r r u C e g a k a e L e s r e v e R I R V @ M W R m u m i x a M e g a tl o V d r a w r o F V F g e l/ A 9 3 @ ° 5 2 @ m u m i x a M e m i T y r e v o c e R e s r e v e R ) 1 ( T A C ° 5 2 @ l a n o it a r e p O m u m i x a M e g a r o t S d n a s e r u t a r e p m e T T P O T G T S C ° 5 2 @C ° 0 0 1 @ A µA µs tl o Vs µC ° 2 A B 6 C S 0 . 10 0 13 . 10 . 20 5 1 + o t 5 6 - 4 A B 6 C S 6 A B 6 C S 8 A B 6 C S y l b m e s s a o t r o ir p s e c i v e d e t e r c s i d n o d e r u s a e M ) 1 ( Absolute Maximum Ratings t r a P r e b m u N g n i k r o W e s r e v e R e g a tl o V I t n e r r u C r e if it c e R e g a r e v A ) V A ( F t n e r r u C e g r u S e l c y C 1 I M S F t @ p S m 3 . 8 = e r u t a r e p m e t e s a c @e r u t a r e p m e t t n e i b m a @ C ° 5 5C ° 0 0 1C ° 5 2 1C ° 5 2C ° 5 5C ° 0 0 1C ° 5 2C ° 0 0 1 s tl o Vs p m As p m As p m As p m As p m As p m As p m As p m A 2 A B 6 C S0 0 2 0 30 20 10 17 5 0 5 25 2 1 4 A B 6 C S0 0 4 6 A B 6 C S0 0 6 8 A B 6 C S0 0 8 r e b m u N t r a Pn o i t p i r c s e D , 2 A B 6 C S , 4 A B 6 C S , 6 A B 6 C S 8 A B 6 C S ) 1 ( ll u f e s a h P - 3 y r e v o c e R d r a d n a t S y l b m e s s a r e if it c e r e g d ir b e v a w , 2 A B 6 C S R H , 4 A B 6 C S R H , 6 A B 6 C S R H 8 A B 6 C S R H ) 2 ( ) 1 ( Note: (1) Available in trays. Please consult factory for quantity. (2) Hi-Rel. screened version is similar to Mil-PRF-19500/483. Ordering Information |