| Moteur de recherche de fiches techniques de composants électroniques |
|
2AX103K2 Fiches technique(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
2AX103K2 Fiches technique(HTML) 1 Page - Semtech Corporation |
|
1 / 5 page ![]() POWER DISCRETES 1 www.semtech.com 180pF THRU .39µF High Voltage Capacitors Features Revision: October 1, 2008 X7R dielectric 1kV to 5kV voltage range Description Semtech Premium Dielectric High Voltage Capacitors Monolithic Ceramic type Semtech’s premium dielectric capacitors demonstrate minimum capacitance change over the operation voltage and temperature range, high current carrying capability and high volumetric efficiency. This X7R body has been designed into the most demanding applications: from the one extreme of satellite, missile, space shuttle, and avionics programs to the other extreme of “down hole” oil exploration equipment. General Specifications Operating temperature range -55°C to 125°C Aging rate <1.0% per decade hour Insulation resistance: 100k meg Ω or 1000megΩ microfarads, whichever is less, at 500VDC, 25°C Dissipation factor: 2.5% max at 1kHz 1 VAC, 25°C Dielectric withstanding voltage: 1.2 x rated voltage at 25°C (Test conducted with charging current limited to 10mA and discharge current limited to 10A) Temperature coefficient: ± 15% over -55°C to 125°C range “S” size package type available |
Numéro de pièce similaire - 2AX103K2 |
|
Description similaire - 2AX103K2 |