| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C5131A-RDTIL Fiches technique(PDF) 79 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTIL Fiches technique(HTML) 79 Page - ATMEL Corporation |
|
79 / 186 page ![]() 79 AT89C5131A-L 4338F–USB–08/07 Table 62. IPL0 Register IPL0 - Interrupt Priority Register (B8h) Reset Value = X000 0000b Bit addressable 7 6 5 4 3 2 1 0 - PPCL PT2L PSL PT1L PX1L PT0L PX0L Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 PPCL PCA interrupt Priority bit Refer to PPCH for priority level. 5 PT2L Timer 2 overflow interrupt Priority bit Refer to PT2H for priority level. 4 PSL Serial port Priority bit Refer to PSH for priority level. 3 PT1L Timer 1 overflow interrupt Priority bit Refer to PT1H for priority level. 2 PX1L External interrupt 1 Priority bit Refer to PX1H for priority level. 1 PT0L Timer 0 overflow interrupt Priority bit Refer to PT0H for priority level. 0 PX0L External interrupt 0 Priority bit Refer to PX0H for priority level. |