Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN050H Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce VN050H
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN050H Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button VN050H Datasheet HTML 2Page - STMicroelectronics VN050H Datasheet HTML 3Page - STMicroelectronics VN050H Datasheet HTML 4Page - STMicroelectronics VN050H Datasheet HTML 5Page - STMicroelectronics VN050H Datasheet HTML 6Page - STMicroelectronics VN050H Datasheet HTML 7Page - STMicroelectronics VN050H Datasheet HTML 8Page - STMicroelectronics VN050H Datasheet HTML 9Page - STMicroelectronics VN050H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN
TYP
MAX
MIN
TYP
MAX
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.8
1.05
0.031
0.041
F1
1
1.4
0.039
0.055
G
3.2
3.4
3.6
0.126
0.134
0.142
G1
6.6
6.8
7
0.260
0.268
0.276
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L2
23.05
23.4
23.8
0.907
0.921
0.937
L3
25.3
25.65
26.1
0.996
1.010
1.028
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
Diam.
3.65
3.85
0.144
0.152
P010D
PENTAWATT (IN-LINE) MECHANICAL DATA
VN05H
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10