Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2590RGVT Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2590RGVT
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVT Fiches technique(HTML) 13 Page - Texas Instruments

Back Button CC2590RGVT Datasheet HTML 9Page - Texas Instruments CC2590RGVT Datasheet HTML 10Page - Texas Instruments CC2590RGVT Datasheet HTML 11Page - Texas Instruments CC2590RGVT Datasheet HTML 12Page - Texas Instruments CC2590RGVT Datasheet HTML 13Page - Texas Instruments CC2590RGVT Datasheet HTML 14Page - Texas Instruments CC2590RGVT Datasheet HTML 15Page - Texas Instruments CC2590RGVT Datasheet HTML 16Page - Texas Instruments CC2590RGVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CC2590RGVR
QFN
RGV
16
2500
330.0
12.4
4.3
4.3
1.5
8.0
12.0
Q2
CC2590RGVT
QFN
RGV
16
250
330.0
12.4
4.3
4.3
1.5
8.0
12.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Nov-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18