| Moteur de recherche de fiches techniques de composants électroniques |
|
AT697E Fiches technique(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697E Fiches technique(HTML) 2 Page - ATMEL Corporation |
|
2 / 7 page ![]() 2 4247DS–SCR–03/07 AT83C21GC The connection with the host processor is achieved via a serial asynchronous link; the rate can be selected from a range from 1200 to 115,200 bps. The software inside the GemCore chip handles a communication protocol with the host system called the Gemplus Block Protocol (GBP). A c o m p l e t e s e t o f d o c u m e n t a t i o n i s a v a i l a b l e o n t h e G e m p l u s w e b s i t e : http://www.gemplus.com. A GBP Interface Library Kit can be provided, upon request. It consists of the source code of the GBP communication layer between the host and GemCore. It is written in the C language. See the Gemplus developers’ site at www.gemplus.com. Enquiries can also be posted to cardreader@atmel.com. For general information on the device, please refer to the AT83C5121 datasheet available on the Atmel web site, www.atmel.com. |