| Moteur de recherche de fiches techniques de composants électroniques |
|
T89C51CC02CA-RATIM Fiches technique(PDF) 146 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02CA-RATIM Fiches technique(HTML) 146 Page - ATMEL Corporation |
|
146 / 159 page ![]() 146 AT/T89C51CC02 4126L–CAN–01/08 Ordering Information Factory default programming for T89C51CC02CA-xxxx is Bootloader CAN and HSB = BBh: •X1 mode • BLJB = 0 : jump to Bootloader • LB2 = 0 : Security Level 3.(1) Factory default programming for T89C51CC02UA-xxxx is Bootloader UART and HSB = BBh: •X1 mode • BLJB = 0 : jump to Bootloader • LB2 = 0 : Security Level 3.(1) Notes: 1. LB2 = 0 is not described in Table 22 Program load bit. LB2 = 0 is equivalent to LB1 = 0: Security Level 3. 2. Customer can change these modes by re-programming with a parallel programmer, this can be done by an Atmel distributor. Part Number Bootloader Temperature Range Package Packing Product Marking T89C51CC02CA-RATIM OBSOLETE T89C51CC02CA-SISIM T89C51CC02CA-TDSIM T89C51CC02CA-TISIM T89C51CC02UA-RATIM T89C51CC02UA-SISIM T89C51CC02UA-TDSIM T89C51CC02UA-TISIM AT89C51CC02CA-RATUM CAN (2) Industrial & Green VQFP32 Tray 89C51CC02CA-UM AT89C51CC02CA-SISUM CAN (2) Industrial & Green PLCC28 Stick 89C51CC02CA-UM AT89C51CC02CA-TDSUM CAN (2) Industrial & Green SOIC24 Stick 89C51CC02CA-UM AT89C51CC02CA-TISUM CAN (2) Industrial & Green SOIC28 Stick 89C51CC02CA-UM AT89C51CC02UA-RATUM UART (2) Industrial & Green VQFP32 Tray 89C51CC02UA-UM AT89C51CC02UA-SISUM UART (2) Industrial & Green PLCC28 Stick 89C51CC02UA-UM AT89C51CC02UA-TDSUM UART (2) Industrial & Green SOIC24 Stick 89C51CC02UA-UM AT89C51CC02UA-TISUM UART (2) Industrial & Green SOIC28 Stick 89C51CC02UA-UM |