Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T89C51CC02CA-RATIM Fiches technique(PDF) 78 Page - ATMEL Corporation

No de pièce T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Fiches technique(HTML) 78 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 74Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 75Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 76Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 77Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 78Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 79Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 80Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 81Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 159 page
background image
78
AT/T89C51CC02
4126L–CAN–01/08
Figure 36. CAN Controller Block Diagram
CAN Controller Mailbox
and Registers
Organization
The pagination allows management of the 91 registers including 80(4 x 20) Bytes of
mailbox via 32 SFRs.
All actions on the message object window SFRs apply to the corresponding message
object registers pointed by the message object number find in the Page message object
register (CANPAGE) as illustrate in Figure 37.
bit
Stuffing /Destuffing
Cyclic
Redundancy Check
Receive
Transmit
Error
Counter
Rec/Tec
bit
Timing
Logic
Page
Register
DPR(Mailbox + Registers)
Priority
Encoder
µC-Core Interface
Core
Control
Interface
Bus
TxDC
RxDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More