Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT26DF321 Fiches technique(PDF) 34 Page - ATMEL Corporation

No de pièce AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Fiches technique(HTML) 34 Page - ATMEL Corporation

Back Button AT26DF321 Datasheet HTML 27Page - ATMEL Corporation AT26DF321 Datasheet HTML 28Page - ATMEL Corporation AT26DF321 Datasheet HTML 29Page - ATMEL Corporation AT26DF321 Datasheet HTML 30Page - ATMEL Corporation AT26DF321 Datasheet HTML 31Page - ATMEL Corporation AT26DF321 Datasheet HTML 32Page - ATMEL Corporation AT26DF321 Datasheet HTML 33Page - ATMEL Corporation AT26DF321 Datasheet HTML 34Page - ATMEL Corporation AT26DF321 Datasheet HTML 35Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
34
3633E–DFLASH–10/07
AT26DF321
17. Errata
17.1
Chip Erase
17.1.1
Issue
In a certain percentage of units, the Chip Erase feature may not function correctly and may
adversely affect device operation. Therefore, it is recommended that the Chip Erase commands
(opcodes 60h and C7h) not be used.
17.1.2
Workaround
Use the Block Erase (4KB, 32KB, or 64KB) commands as an alternative. The Block Erase func-
tion is not affected by the Chip Erase issue.
17.1.3
Resolution
The Chip Erase feature is being fixed with a new revision of the device. Please contact Atmel for
the estimated availability of devices with the fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35