Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT26DF161 Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Fiches technique(HTML) 3 Page - ATMEL Corporation

  AT26DF161 Datasheet HTML 1Page - ATMEL Corporation AT26DF161 Datasheet HTML 2Page - ATMEL Corporation AT26DF161 Datasheet HTML 3Page - ATMEL Corporation AT26DF161 Datasheet HTML 4Page - ATMEL Corporation AT26DF161 Datasheet HTML 5Page - ATMEL Corporation AT26DF161 Datasheet HTML 6Page - ATMEL Corporation AT26DF161 Datasheet HTML 7Page - ATMEL Corporation AT26DF161 Datasheet HTML 8Page - ATMEL Corporation AT26DF161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
3599G–DFLASH–8/08
AT26DF161
3.
Block Diagram
4.
Memory Array
To provide the greatest flexibility, the memory array of the AT26DF161 can be erased in four lev-
els of granularity including a full chip erase. In addition, the array has been divided into physical
sectors of uniform size, of which each sector can be individually protected from program and
erase operations. The size of the physical sectors is optimized for both code and data storage
applications, allowing both code and data segments to reside in their own isolated
regions. Figure 4-1 on page 4 illustrates the breakdown of each erase level as well as the break-
down of each physical sector.
Figure 2-1.
8-SOIC Top View
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
NC
SCK
SI
FLASH
MEMORY
ARRAY
Y-GATING
CS
SCK
SO
SI
Y-DECODER
X-DECODER
I/O BUFFERS
AND LATCHES
CONTROL AND
PROTECTION LOGIC
SRAM
DATA BUFFER
WP
INTERFACE
CONTROL
AND
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34