Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB927FI Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce VB927FI
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB927FI Fiches technique(HTML) 4 Page - STMicroelectronics

  VB927FI Datasheet HTML 1Page - STMicroelectronics VB927FI Datasheet HTML 2Page - STMicroelectronics VB927FI Datasheet HTML 3Page - STMicroelectronics VB927FI Datasheet HTML 4Page - STMicroelectronics VB927FI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
B
3.3
3.8
0.130
0.149
D
2.95
3.1
0.116
0.122
D1
1.88
2.08
0.074
0.081
E
0.45
1
0.017
0.039
F
0.75
1
0.029
0.039
F1
1.5
0.059
F2
1.3
0.051
G
10.16
0.400
G1
5.08
0.200
H
15.8
16.2
0.622
0.637
L
9
0.354
L1
20.25
20.75
0.797
0.817
L2
19.10
19.9
0.751
0.783
L3
22.8
23.6
0.897
0.929
L4
34.9
36.9
1.374
1.452
L5
4.85
5.25
0.190
0.206
L7
16
0.630
N
2.1
2.3
0.082
0.090
R
3.1
0.122
3.5
3.7
0.138
0.145
ISOWATT5 MECHANICAL DATA
VB927
4/5



Html Pages

1 2 3 4 5