| Moteur de recherche de fiches techniques de composants électroniques |
|
VB922 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VB922 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() VB922 HIGH VOLTAGE IGNITION COIL DRIVER POWER IC s NO EXTERNAL COMPONENT REQUIRED s INTEGRATED HIGH VOLTAGE CLAMP s COIL CURRENT LIMIT INTERNALLY SET s HIGH RUGGEDNESS DESCRIPTION The VB922 is a monolithic high voltage integrated circuits made using STMicroelectronics VIPower Technology, which combines a vertical current flow power trilinton with a coil current limiting circuit and a collector voltage clamping. The device is peculiarly suitable for application in high performance electronic car ignition, where coil current limitation and voltage clamping are required. ® October 1998 BLOCK DIAGRAM 1 2 3 TO-247 1/5 |
Numéro de pièce similaire - VB922 |
|
Description similaire - VB922 |