Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3845BN Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce 3845BN
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

3845BN Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button 3845BN Datasheet HTML 7Page - STMicroelectronics 3845BN Datasheet HTML 8Page - STMicroelectronics 3845BN Datasheet HTML 9Page - STMicroelectronics 3845BN Datasheet HTML 10Page - STMicroelectronics 3845BN Datasheet HTML 11Page - STMicroelectronics 3845BN Datasheet HTML 12Page - STMicroelectronics 3845BN Datasheet HTML 13Page - STMicroelectronics 3845BN Datasheet HTML 14Page - STMicroelectronics 3845BN Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Minidip
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0.260
I
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
OUTLINE AND
MECHANICAL DATA
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15