| Moteur de recherche de fiches techniques de composants électroniques |
|
ATMEGA128 Fiches technique(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA128 Fiches technique(HTML) 2 Page - ATMEL Corporation |
|
2 / 386 page ![]() 2 2467R–AVR–06/08 ATmega128 Pin Configurations Figure 1. Pinout ATmega128 Note: The Pinout figure applies to both TQFP and MLF packages. The bottom pad under the QFN/MLF package should be soldered to ground. Overview The ATmega128 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega128 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 PEN RXD0/(PDI) PE0 (TXD0/PDO) PE1 (XCK0/AIN0) PE2 (OC3A/AIN1) PE3 (OC3B/INT4) PE4 (OC3C/INT5) PE5 (T3/INT6) PE6 (ICP3/INT7) PE7 (SS) PB0 (SCK) PB1 (MOSI) PB2 (MISO) PB3 (OC0) PB4 (OC1A) PB5 (OC1B) PB6 PA3 (AD3) PA4 (AD4) PA5 (AD5) PA6 (AD6) PA7 (AD7) PG2(ALE) PC7 (A15) PC6 (A14) PC5 (A13) PC4 (A12) PC3 (A11) PC2 (A10) PC1 (A9) PC0 (A8) PG1(RD) PG0(WR) |