Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB027 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce VB027
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027 Fiches technique(HTML) 8 Page - STMicroelectronics

  VB027 Datasheet HTML 1Page - STMicroelectronics VB027 Datasheet HTML 2Page - STMicroelectronics VB027 Datasheet HTML 3Page - STMicroelectronics VB027 Datasheet HTML 4Page - STMicroelectronics VB027 Datasheet HTML 5Page - STMicroelectronics VB027 Datasheet HTML 6Page - STMicroelectronics VB027 Datasheet HTML 7Page - STMicroelectronics VB027 Datasheet HTML 8Page - STMicroelectronics VB027 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
VB027 / VB027(011Y) / VB027(012Y)
1
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.3
4.8
0.169
0.189
A1
2.5
3.1
0.098
0.122
b
0.6
0.8
0.024
0.031
b1
0.75
0.9
0.03
0.035
c
0.35
0.55
0.014
0.022
c1
1.22
1.42
0.048
0.056
D
9
9.35
0.354
0.368
D1
15.2
15.8
0.598
0.622
e
2.44
2.64
0.096
0.104
e1
3.71
3.91
0.146
0.154
E
10
10.4
0.394
0.409
L
22.32
22.92
0.879
0.902
L1
25.1
25.7
0.988
1.012
P
3.65
3.95
0.144
0.156
S
2.55
3.05
0.1
0.12
PENTAWATT HV 012Y (in line) MECHANICAL DATA
e1
e
b1
D1
S
E
b
L1
L
A1
c
D
P
c1
A
P010P



Html Pages

1 2 3 4 5 6 7 8 9