| Moteur de recherche de fiches techniques de composants électroniques |
|
ATSAM9708 Fiches technique(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM9708 Fiches technique(HTML) 16 Page - ATMEL Corporation |
|
16 / 31 page ![]() 16 1772E–DRMSD–10-Apr-06 ATSAM9708 12.2.1 Basic Notes on SDRAM Timing • RESET should be held low at least 100 µs (SDRAM timing requirement on idle cycles) • SDRAM mode is fixed to sequential, burst length = 1, CAS latency 2, standard operation, programmed write burst length. • SDRAM cycles for read: NOP - ACTIVE - NOP - READ AUTO PRECHARGE - NOP - NOP. • SDRAM cycles for write: NOP - ACTIVE - NOP - WRITE AUTO PRECHARGE - NOP - NOP • SDRAM cycles for refresh: NOP - AUTO REFRESH - NOP - NOP - NOP - NOP Note: Valid for DRAM and SDRAM unless otherwise stated. Table 12-1. RAS/CAS Correspondence to Physical Address(1) Signal Value at RAS Time Value at CAS Time WA0/DRA0 WA0 WA9 WA1/DRA1 WA1 WA10 WA2/DRA2 WA2 WA11 WA3/DRA3 WA3 WA12 WA4/DRA4 WA4 WA13 WA5/DRA5 WA5 WA14 WA6/DRA6 WA6 WA15 WA7/DRA7 WA7 WA16 WA8/DRA8 WA8 WA17 WA18/DRA9 WA18 WA19 (DRAM) Don’t care (SDRAM) WA20/DRA10 WA20 WA21 (DRAM) High (SDRAM) WA22/DRA11 WA22 WA23 (DRAM) Don’t care (SDRAM) |