Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB6B2 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce USB6B2
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B2 Fiches technique(HTML) 2 Page - STMicroelectronics

  USB6B2 Datasheet HTML 1Page - STMicroelectronics USB6B2 Datasheet HTML 2Page - STMicroelectronics USB6B2 Datasheet HTML 3Page - STMicroelectronics USB6B2 Datasheet HTML 4Page - STMicroelectronics USB6B2 Datasheet HTML 5Page - STMicroelectronics USB6B2 Datasheet HTML 6Page - STMicroelectronics USB6B2 Datasheet HTML 7Page - STMicroelectronics USB6B2 Datasheet HTML 8Page - STMicroelectronics USB6B2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
USB6Bx
2/9
Fig. A1 :
Lw
VI/O
ESD
SURGE
GND
I/O
+Vcc
Vf
Lw di
dt
Lw di
dt
Vcl+ = Vcc+Vf+ Lw
di
dt
surge >0
-Vf- Lw
di
dt
surge <0
Vcl- =
t
tr=1ns
Vcc+Vf
Lw di
dt
Vcl+
POSITIVE
SURGE
-Lw
di
dt
t
tr=1ns
-Vf
Vcl-
NEGATIVE
SURGE
The USB6Bx is particularly optimized to perform
surge protection based on the rail to rail topology.
The clamping voltage VCL can be estimated as follow:
VCL+=Vcc+VF
for positive surges
VCL -=-VF
for negative surges
with: VF =Vt + rd.Ip
(VF forward drop voltage) / (Vt forward drop
threshold voltage)
Note: the estimations do not take into account
phenomena due to parasitic inductances.
SURGE PROTECTION
TECHNICAL INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9