| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83C5123XXX-RATUM Fiches technique(PDF) 70 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C5123XXX-RATUM Fiches technique(HTML) 70 Page - ATMEL Corporation |
|
70 / 208 page ![]() 70 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Power-on and Power-off FSM The Power-on Power-off Finite State Machine (FSM) applies the signals on the smart card in accordance with ISO7816-3 standard. It conducts the Activation (Cold Reset and Warm Reset as well as De-Activation) it also manages the exception conditions such as overcurrent (see DC/DC Converter) To be able to power on the SCIB, the card presence is mandatory. Upon detectection of a card presence, the Terminal initiate a Cold Reset Activation. The Cold Reset Activation Terminal procedure is as follow and the Figure 36. Timing indications are given according to ISO IEC 7816 – RESET= Low , I/O in the receive state – Power Vcc (see DC/DC Converter) – Once Vcc is established, apply Clock at time Ta – Maintain Reset Low until time Ta+tb (tb< 400 clocks) – Monitor The I/O line for the Answer To Reset (ATR) between 400 and 40000 clock cycles after Tb. ( 400 clocks < tc < 40000clocks) Figure 36. SCIB Activation Cold Reset Sequence after a Card Insertion The Warm Reset Activation Terminal procedure is as follow and the Figure 37 – Vcc active, Reset = High, CLK active – Terminal drive Reset low at time T to initiate the warm Reset. Reset=0 maintained for at least 400 clocks until time Td = T+te (400 clocks < te) – Terminal keep the IO line in receive state – Terminal drive Reset high after at least 400 clocks at time Td – ICC shall respond with an ATR within 40000 clocks (tf<40000 clocks) Figure 37. SCIB Activation Warm Reset Sequence CVCC CRST CCLK CIO Data Undefined Ta Ta+tb Tb+tc CVCC CRST CCLK CIO Data TTd=T + te Td + tf Undefined |