Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C5122DS-RDTUM Fiches technique(PDF) 176 Page - ATMEL Corporation

No de pièce AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Fiches technique(HTML) 176 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 172Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 173Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 174Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 175Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 176Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 177Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 178Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 179Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 208 page
background image
176
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = XXXX X000b
The three lower bits (S0, S1, S2) located into WDTPRG register enables to program the
WDT duration.
To compute WD Timeout, the following formula must be applied:
Time Out = 6 * (214 * 2 Svalue - 1 ) / FCK_WD
Note:
Svalue represents the decimal value of (S2 S1 S0)
Table 109.
Watchdog Timer Out Register - WDTPRG (0A7h)
76543210
-----
S2
S1
S0
Bit
Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The value read from this bit is indeterminate. Do not change these bits.
2
S2
WDT Time-out select bit 2
1
S1
WDT Time-out select bit 1
0
S0
WDT Time-out select bit 0
Table 110.
Machine Cycle Count
S2
S1
S0
Machine Cycle Count
00
0
214 - 1
00
1
215 - 1
01
0
216 - 1
01
1
217 - 1
10
0
218 - 1
10
1
219 - 1
11
0
220 - 1
11
1
221 - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More