Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C5122DS-RDTUM Fiches technique(PDF) 91 Page - ATMEL Corporation

No de pièce AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Fiches technique(HTML) 91 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 89Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 90Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 208 page
background image
91
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
advised to decrement the BOOST[1:0] bits to restore the overflow current to its normal
or desired value.
Monitoring Procedure
Once the DC/DC has been successfuly initialized, it is necessary to monitor the DC/DC
converter by means of bits VCARDOK and ICARDOVF in the SCISR register.
Table 60.
DC/DC converter status
VCARDOK
ICARDOVF
DC/DC Status
00
- Not Started or switched off by application.
The current overflow sensor is disabled during the DC/DC converter startup. Then if a current
overflow condition is applied during the DC/DC converter startup, the DC/DC converter is unable
to start and both bits VCARDOK and ICARDOVF remains at 0.
DC/DC converter correctly started then the output voltage is out of ISO/IEC 7816-3
specifications. In this case the firmware must take appropriate actions like deactivating the
DC/DC converter in compliance with ISO/IEC 7816.
0
1
Started and automatically switched off by a current overflow condition
1
0
Operating properly according to ISO/IEC 7816-3 and EMV recommendations
1
1
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More