| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83R5122XXX-RDRUM Fiches technique(PDF) 36 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83R5122XXX-RDRUM Fiches technique(HTML) 36 Page - ATMEL Corporation |
|
36 / 208 page ![]() 36 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Note: 1. Only for AT8xC5122 IPH0 B7h Interrupt Priority Control High 0 PSH PT1H PX1H PT0H PX0H IPL1 B2h Interrupt Priority Control Low 1 PUSBL PSCIL PSPIL(1) PKBL(1) IPH1 B3h Interrupt Priority Control High 1 PUSBH PSCIH PSPIH(1) PKBH(1) ISEL A1h Interrupt Enable Register CPLEV PRESIT RXIT OELEV OEEN PRESEN RXEN Table 17. Interrupt SFRs Mnemonic Add Name 76543210 Table 18. SCIB SFRs Mnemonic Add Name 76543210 SCGT0 B4h Smart Card Transmit Guard Time Register 0 GT7 - 0 SCGT1 B5h Smart Card Transmit Guard Time Register 1 GT8 SCWT0 B4h Smart Card Character/ Block Waiting Time Register 0 WT7 - 0 SCWT1 B5h Smart Card Character/ Block Waiting Time Register 1 WT15-8 SCWT2 B6h Smart Card Character/ Block Waiting Time Register 2 WT23-16 SCWT3 C1h Smart Card Character/ Block Waiting Time Register 3 WT31-24 SCICR B6h Smart Card Interface Control Register RESET CARDDET VCARD1-0 UART WTEN CREP CONV SCCON ACh Smart Card Interface Contacts Register CLK CARDC8 CARDC4 CARDIO CARDCLK CARDRST CARDVCC SCETU0 ACh Smart Card ETU Register 0 ETU7 - 0 SCETU1 ADh Smart Card ETU Register 1 COMP ETU10-8 SCISR ADh Smart Card UART Interface Status Register (Read only) SCTBE CARDIN ICARDOVF VCARDOK SCWTO SCTC SCRC SCPE SCIIR AEh Smart Card UART Interrupt Identification Register (Read only) SCTBI ICARDERR VCARDERR SCWTI SCTI SCRI SCPI SCIER AEh Smart Card UART Interrupt Enable Register ESCTBI ICARDER EVCARDER ESCWTI ESCTI ESCRI ESCPI SCSR ABh Smart Card Selection Register BGTEN CREPSEL ALTKPS1-0 SCCLK1 SCRS SCIBUF AAh Smart Card Buffer Register Can store a new byte to be transmitted on the I/O pin when SCTBE is set. Bit ordering on the I/O pin depends on the convention Provides the byte received from the I/O pin when SCRI is set. Bit ordering on the I/O pin depends on the convention. |