| Moteur de recherche de fiches techniques de composants électroniques |
|
AT90USB646 Fiches technique(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB646 Fiches technique(HTML) 12 Page - ATMEL Corporation |
|
12 / 30 page ![]() 12 7593GS–AVR–03/08 AT90USB64/128 (0x7C) ADMUX REFS1 REFS0 ADLAR MUX4 MUX3 MUX2 MUX1 MUX0 (0x7B) ADCSRB ADHSM ACME - - - ADTS2 ADTS1 ADTS0 (0x7A) ADCSRA ADEN ADSC ADATE ADIF ADIE ADPS2 ADPS1 ADPS0 (0x79) ADCH ADC Data Register High byte (0x78) ADCL ADC Data Register Low byte (0x77) Reserved - - - - - - - - (0x76) Reserved - - - - - - - - (0x75) XMCRB XMBK - - - - XMM2 XMM1 XMM0 (0x74) XMCRA SRE SRL2 SRL1 SRL0 SRW11 SRW10 SRW01 SRW00 (0x73) Reserved - - - - - - - - (0x72) Reserved - - - - - - - - (0x71) TIMSK3 - - ICIE3 - OCIE3C OCIE3B OCIE3A TOIE3 (0x70) TIMSK2 - - - - - OCIE2B OCIE2A TOIE2 (0x6F) TIMSK1 - - ICIE1 - OCIE1C OCIE1B OCIE1A TOIE1 (0x6E) TIMSK0 - - - - - OCIE0B OCIE0A TOIE0 (0x6D) Reserved - - - - - - - - (0x6C) Reserved - - - - - - - - (0x6B) PCMSK0 PCINT7 PCINT6 PCINT5 PCINT4 PCINT3 PCINT2 PCINT1 PCINT0 (0x6A) EICRB ISC71 ISC70 ISC61 ISC60 ISC51 ISC50 ISC41 ISC40 (0x69) EICRA ISC31 ISC30 ISC21 ISC20 ISC11 ISC10 ISC01 ISC00 (0x68) PCICR - - - - - - - PCIE0 (0x67) Reserved - - - - - - - - (0x66) OSCCAL Oscillator Calibration Register (0x65) PRR1 PRUSB - - - PRTIM3 - - PRUSART1 (0x64) PRR0 PRTWI PRTIM2 PRTIM0 - PRTIM1 PRSPI - PRADC (0x63) Reserved - - - - - - - - (0x62) Reserved - - - - - - - - (0x61) CLKPR CLKPCE - - - CLKPS3 CLKPS2 CLKPS1 CLKPS0 (0x60) WDTCSR WDIF WDIE WDP3 WDCE WDE WDP2 WDP1 WDP0 0x3F (0x5F) SREG I T H S V N Z C 0x3E (0x5E) SPH SP15 SP14 SP13 SP12 SP11 SP10 SP9 SP8 0x3D (0x5D) SPL SP7 SP6 SP5 SP4 SP3 SP2 SP1 SP0 0x3C (0x5C) Reserved - - - - - - - - 0x3B (0x5B) RAMPZ - - - - - - RAMPZ1 RAMPZ0 0x3A (0x5A) Reserved - - - - - - - - 0x39 (0x59) Reserved - - - - - - - - 0x38 (0x58) Reserved - - - - - - - - 0x37 (0x57) SPMCSR SPMIE RWWSB SIGRD RWWSRE BLBSET PGWRT PGERS SPMEN 0x36 (0x56) Reserved - - - - - - - - 0x35 (0x55) MCUCR JTD - - PUD - - IVSEL IVCE 0x34 (0x54) MCUSR - - - JTRF WDRF BORF EXTRF PORF 0x33 (0x53) SMCR - - - - SM2 SM1 SM0 SE 0x32 (0x52) Reserved - - - - - - - - 0x31 (0x51) OCDR/ MONDR OCDR7 OCDR6 OCDR5 OCDR4 OCDR3 OCDR2 OCDR1 OCDR0 Monitor Data Register 0x30 (0x50) ACSR ACD ACBG ACO ACI ACIE ACIC ACIS1 ACIS0 0x2F (0x4F) Reserved - - - - - - - - 0x2E (0x4E) SPDR SPI Data Register 0x2D (0x4D) SPSR SPIF WCOL - - - - - SPI2X 0x2C (0x4C) SPCR SPIE SPE DORD MSTR CPOL CPHA SPR1 SPR0 0x2B (0x4B) GPIOR2 General Purpose I/O Register 2 0x2A (0x4A) GPIOR1 General Purpose I/O Register 1 0x29 (0x49) PLLCSR - - - PLLP2 PLLP1 PLLP0 PLLE PLOCK 0x28 (0x48) OCR0B Timer/Counter0 Output Compare Register B 0x27 (0x47) OCR0A Timer/Counter0 Output Compare Register A 0x26 (0x46) TCNT0 Timer/Counter0 (8 Bit) 0x25 (0x45) TCCR0B FOC0A FOC0B - - WGM02 CS02 CS01 CS00 0x24 (0x44) TCCR0A COM0A1 COM0A0 COM0B1 COM0B0 - - WGM01 WGM00 0x23 (0x43) GTCCR TSM - - - - - PSRASY PSRSYNC 0x22 (0x42) EEARH - - - - EEPROM Address Register High Byte 0x21 (0x41) EEARL EEPROM Address Register Low Byte 0x20 (0x40) EEDR EEPROM Data Register 0x1F (0x3F) EECR - - EEPM1 EEPM0 EERIE EEMPE EEPE EERE 0x1E (0x3E) GPIOR0 General Purpose I/O Register 0 0x1D (0x3D) EIMSK INT7 INT6 INT5 INT4 INT3 INT2 INT1 INT0 0x1C (0x3C) EIFR INTF7 INTF6 INTF5 INTF4 INTF3 INTF2 INTF1 INTF0 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Page |