Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATTINY261-ESSZ Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce ATTINY261-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY261-ESSZ Fiches technique(HTML) 2 Page - ATMEL Corporation

  ATTINY261-ESSZ Datasheet HTML 1Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 2Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 3Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 4Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 5Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 6Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 7Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 8Page - ATMEL Corporation ATTINY261-ESSZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
7753BS–AVR–08/08
ATtiny261/461/861
1.
Pin Configurations
Figure 1-1.
Pinout ATtiny261/461/861
Note:
The large center pad underneath the QFN/MLF package should be soldered to ground on the board to ensure good mechanical
stability.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
(MOSI/DI/SDA/OC1A/PCINT8) PB0
(MISO/DO/OC1A/PCINT9) PB1
(SCK/USCK/SCL/OC1B/PCINT10) PB2
(OC1B/PCINT11) PB3
VCC
GND
(ADC7/OC1D/CLKI/XTAL1/PCINT12) PB4
(ADC8/OC1D/CLKO/XTAL2/PCINT13) PB5
(ADC9/INT0/T0/PCINT14) PB6
(ADC10/RESET/PCINT15) PB7
PA0 (ADC0/DI/SDA/PCINT0)
PA1 (ADC1/DO/PCINT1)
PA2 (ADC2/INT1/USCK/SCL/PCINT2)
PA3 (AREF/PCINT3)
AGND
AVCC
PA4 (ADC3/ICP0/PCINT4)
PA5 (ADC4/AIN2/PCINT5)
PA6 (ADC5/AIN0/PCINT6)
PA7 (ADC6/AIN1/PCINT7)
SOIC / TSSOP
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
(OC1B/PCINT11) PB3
NC
VCC
GND
NC
(ADC7/OC1D/CLKI/XTAL1/PCINT12) PB4
(ADC8/OC1D/CLKO/XTAL2/PCINT13) PB5
NC
PA2 (ADC2/INT1/USCK/SCL/PCINT2)
PA3 (AREF/PCINT3)
AGND
NC
NC
AVCC
PA4 (ADC3/ICP0/PCINT4)
QFN/MLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16