| Moteur de recherche de fiches techniques de composants électroniques |
|
CS42325 Fiches technique(PDF) 57 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS42325 Fiches technique(HTML) 57 Page - Cirrus Logic |
|
57 / 71 page ![]() DS838A2 57 CS42325 6.13 AOUT2 Control (Address 0Eh) 6.13.1 External Mute Control Pin This bit controls the logic state of the corresponding MUTEC2 pin. Though this bit is active high, it should be noted that the MUTEC2 pin is active low. 6.13.2 AOUT2 Select These bits are used to select the analog output source. 6.14 AOUT3/HP Control (Address 0Fh) 6.14.1 External Mute Control Pin This bit controls the logic state of the corresponding MUTEC3 pin. Though this bit is active high, it should be noted that the MUTEC3 pin is active low. 7 6 5 432 10 Reserved Reserved Reserved Reserved MUTEC2 AOUT2_SEL2 AOUT2_SEL1 AOUT2_SEL0 MUTEC2 Output on MUTEC2 pin 0 High (Mute Disengaged) 1 Low (Mute Engaged) AOUT2_SEL[2:0] AOUT2 Source 000 Reserved 001 AIN Pair 1 010 AIN Pair 2 011 AIN Pair 3 100 AIN Pair 4 101 AIN Pair 5 110 DAC1 Output Pair 111 DAC2 Output Pair 7 6 5 432 10 Reserved Reserved Reserved Reserved MUTEC3 AOUT3_SEL2 AOUT3_SEL1 AOUT3_SEL0 MUTEC3 Output on MUTEC3 pin 0 High (Mute Disengaged) 1 Low (Mute Engaged) |