Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5461A Fiches technique(PDF) 32 Page - Cirrus Logic

No de pièce CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Fiches technique(HTML) 32 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 28Page - Cirrus Logic CS5461A Datasheet HTML 29Page - Cirrus Logic CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic CS5461A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
CS5461A
32
DS661F2
6.19 No Load Threshold Interval Register ( LoadIntv)
Address: 25
Default = 0x000000 = No load threshold feature disabled
LoadMin determines the duration or interval of the no load detection window in units of 1/OWR. The range is
from 1 to 16777215.
6.20 No Load Threshold ( LoadMin )
Address: 27
Default = 0x000000 = No load threshold feature disabled
LoadMin sets the no load threshold value. LoadMin is a two’s complement value in the range of
-1.0
≤ LoadMin < 1.0 with the binary point to the right of the MSB. Negative values are not allowed.
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44