Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4525 Fiches technique(PDF) 86 Page - Cirrus Logic

No de pièce CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Fiches technique(HTML) 86 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
86
DS726PP3
CS4525
9.16.3
Peak Signal Limit All Channels (LimitAll)
Default = 1
Function:
When cleared, the peak signal limiter will limit the maximum signal amplitude to prevent clipping on the
specific channel indicating clipping. The other channels will not be affected. When set, the peak signal
limiter will limit the maximum signal amplitude to prevent clipping on all channels in response to any single
channel indicating clipping. See “Peak Signal Limiter” on page 37 for more information.
9.16.4
Peak Detect and Limiter Enable (EnLimiter)
Default = 0
Function:
Limits the maximum signal amplitude to prevent clipping when this function is enabled. Peak signal limit-
ing is performed by digital attenuation.
LimitAll Setting
Limit All Channels Configuration
0 .......................................... Only individual channels affected by any limiter event.
1 .......................................... All channels affected by any limiter event.
EnLimiter Setting
Peak Signal Limiter State
0 .......................................... Peak signal limiter disabled.
1 .......................................... Peak signal limiter enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98