| Moteur de recherche de fiches techniques de composants électroniques |
|
TYP2012 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYP2012 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 5 page ![]() PACKAGE MECHANICAL DATA TO220AB Plastic Cooling method : C Marking : type number Weight : 2.3 g Recommended torque value : 0.8 m.N. Maximum torque value : 1 m.N. A G J H D B C M L F O P =N = I REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 10.00 10.40 0.393 0.409 B 15.20 15.90 0.598 0.625 C 13.00 14.00 0.511 0.551 D 6.20 6.60 0.244 0.259 F 3.50 4.20 0.137 0.165 G 2.65 2.95 0.104 0.116 H 4.40 4.60 0.173 0.181 I 3.75 3.85 0.147 0.151 J 1.23 1.32 0.048 0.051 L 0.49 0.70 0.019 0.027 M 2.40 2.72 0.094 0.107 N 4.80 5.40 0.188 0.212 O 1.14 1.70 0.044 0.066 P 0.61 0.88 0.024 0.034 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-T HOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. © 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Nether- lands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. TYP 212 ---> TYP 2012 5/5 |