Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSL1750T Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Fiches technique(HTML) 5 Page - NXP Semiconductors

  SSL1750T Datasheet HTML 1Page - NXP Semiconductors SSL1750T Datasheet HTML 2Page - NXP Semiconductors SSL1750T Datasheet HTML 3Page - NXP Semiconductors SSL1750T Datasheet HTML 4Page - NXP Semiconductors SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
5 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.
Functional description
7.1 General control
The SSL1750 contains a controller for a power factor correction circuit as well as a
controller for a flyback circuit. The SSL1750 as LED driver can be used as current source
to drive LEDs directly, as shown in Figure 3. The SSL1750 can also be used as a typical
AC/DC converter to drive multiple DC/DC LED drivers as shown in Figure 4.
Fig 3.
Application circuit
12
11
9
16 13
8
6
7
3
2
10
4
1
SSL1750T
014aaa561
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29