| Moteur de recherche de fiches techniques de composants électroniques |
|
SSL1750 Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL1750 Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 29 page ![]() SSL1750_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 15 September 2008 15 of 29 NXP Semiconductors SSL1750 SMPS control IC for LED drivers 7.3.3 Current mode control (pin FBSENSE) Current mode control is used for the flyback converter for its good line regulation. The primary current is sensed by pin FBSENSE across an external resistor and compared with an internal control voltage.The internal control voltage is proportional to the voltage on pin FBCTRL. (1) Start of new cycle at lowest drain voltage. (2) Start of new cycle in a classical Pulse Width Modulation (PWM) system without valley detection. Fig 10. Signals for valley switching drain secondary stroke 014aaa027 secondary ringing primary stroke valley (2) (1) secondary stroke oscillator |