| Moteur de recherche de fiches techniques de composants électroniques |
|
ATC13 Fiches technique(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATC13 Fiches technique(HTML) 6 Page - ATMEL Corporation |
|
6 / 12 page ![]() 6 6134AS–CASIC–08-Mar-05 ATC13 Summary 4. Basic Analog Cell Libraries, ANA12lib and ANA33lib The Atmel basic analog library makes the following parts available: • Multiplexer modules – Multiplexers to minimize cross-talk (for use with high-impedance nodes). – Multiplexers to minimize ON resistance. • Analog input and output cells • Analog power and ground cells A special set of basic analog I/O cells, ANA33lib, is available for interfacing with external 3.3V devices. 5. General-purpose Analog Cell Library, GPlib The General-purpose Analog Cell Library (GPlib) is composed of cells performing vari- ous analog functions. Currently available are: • Power Management Cells •Op Amps •Comparators •ADCs •DACs •PLLs Additional high-performance, complex analog cells can be developed according to spe- cific customer requirements. |