Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2000U/10AB Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce PCA2000U/10AB
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000U/10AB Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button PCA2000U/10AB Datasheet HTML 20Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 21Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 22Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 23Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 24Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 25Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 26Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 27Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
25 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
MSL: Moisture Sensitivity Level
Fig 18. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28