Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F524600EB8C Fiches technique(PDF) 2 Page - Baumer IVO GmbH & Co. KG

No de pièce F524600EB8C
Description  Totalizers electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IVO [Baumer IVO GmbH & Co. KG]
Site Internet  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F524600EB8C Fiches technique(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  F524600EB8C Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F524600EB8C Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F524600EB8C Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F524600EB8C Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electromechanic
www.baumerivo.com
2
F 504, F 514, F 518, F 524
Impulse counters, front panel mount
Display 6- or 8-digits, with/without reset button
+(-)
-(+)
+(-)
-(+)
3
4
3
4
Standard connection
“H”-connection
Voltage
Encoder
Voltage
Encoder
“H“-connection - combination F 504 with FE504
Please indicate when placing your order whether counters
F 504 are to be mounted together with preset counters
FE504 in a common front panel and/or in counter panels
with common mounting rails. The counters F 504 will
then be supplied ex works with a suitable, so-calle d
external plug-in housing “H”.
Connection diagram
Technical data - mechanical design
F 504
Number of digits
6-digits with/without reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Socket box
Mounting
Socket box
Dimensions W x H x L
50 x 25 x 85.8 mm
Cutout dimensions
50 x 25 mm
Installation depth
85.8 mm
F 514
Number of digits
6-digits
Measuring range
999 999
Housing type
Built-in housing
Mounting
Front panel with 2 screws
Dimensions W x H x L
60 x 37.5 x 61.3 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.8 mm
F 518
Number of digits
6-digits with/without reset button
8-digits without reset button
Measuring range
999 999
Housing type
Built-in housing
Mounting
Front panel with 2 screws
Dimensions W x H x L
66.5 x 37 x 61.3 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.8 mm
F 524
Number of digits
6-digits with/without reset button
8-digits without reset button
Measuring range
999 999 and 99 999 999
Housing type
Built-in housing
Mounting
Front panel with spring clips
Dimensions W x H x L
53.2 x 28.2 x 61.3 mm
Cutout dimensions
51 x 26 mm
Installation depth
77.8 mm
Max. counting speed 10 pulses/s
Voltage
24/110 VAC ±10 %
230 VAC +6/-10 %
Power
3 VA
Min. pulse duration
50 ms
Min. pulse interval
50 ms
Switch on time (at 25 °C)
100 %
Max. counting speed 20 pulses/s
Voltage
24 VDC ±10 %
Power
2 W
Min. pulse duration
25 ms
Min. pulse interval
25 ms
Switch on time (at 25 °C)
100 %
Trigger level
Accessories
Front panels for F 504
Z 100.01A
Front panel with transparent protective cover,
for socket box 50 x 25 mm
Front frames for F 504
Z 105.02A
Front frame with cylinder lock provided on
transparent cover
Z 107.01A
Front frame, insertion cutout 50 x 25 mm



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com