Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM3168APAPRG4 Fiches technique(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Fiches technique(HTML) 49 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 45Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 46Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 47Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 48Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 49Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 50Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 51Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 52Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
83
53
—
—
SEAD6
SEAD5
SEAD4
SEAD3
SEAD2
SEAD1
SEAD[6:1]
ADC Input configuration control
These bits control the input configuration of each ADC channel, differential or single-ended.
Default value: 00 0000 (all ADC channels have differential inputs).
SEAD
ADC Input configuration
xx xxx0
ADC1 differential input
xx xxx1
ADC1 single-ended input
xx xx0x
ADC2 differential input
xx xx1x
ADC2 single-ended input
xx x0xx
ADC3 differential input
xx x1xx
ADC3 single-ended input
xx 0xxx
ADC4 differential input
xx 1xxx
ADC4 single-ended input
x0 xxxx
ADC5 differential input
x1 xxxx
ADC5 single-ended input
0x xxxx
ADC6 differential input
1x xxxx
ADC6 single-ended input
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66