Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM3168APAPR Fiches technique(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM3168APAPR
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR Fiches technique(HTML) 62 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 58Page - Texas Instruments PCM3168APAPR Datasheet HTML 59Page - Texas Instruments PCM3168APAPR Datasheet HTML 60Page - Texas Instruments PCM3168APAPR Datasheet HTML 61Page - Texas Instruments PCM3168APAPR Datasheet HTML 62Page - Texas Instruments PCM3168APAPR Datasheet HTML 63Page - Texas Instruments PCM3168APAPR Datasheet HTML 64Page - Texas Instruments PCM3168APAPR Datasheet HTML 65Page - Texas Instruments PCM3168APAPR Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
PCM3168APAPR
HTQFP
PAP
64
1000
330.0
24.4
13.0
13.0
1.4
16.0
24.0
Q2
PCM3168ATPAPRQ1
HTQFP
PAP
64
1000
330.0
24.4
13.0
13.0
1.4
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Nov-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66