Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2220 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce LPC2220
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2220 Fiches technique(HTML) 4 Page - NXP Semiconductors

  LPC2220 Datasheet HTML 1Page - NXP Semiconductors LPC2220 Datasheet HTML 2Page - NXP Semiconductors LPC2220 Datasheet HTML 3Page - NXP Semiconductors LPC2220 Datasheet HTML 4Page - NXP Semiconductors LPC2220 Datasheet HTML 5Page - NXP Semiconductors LPC2220 Datasheet HTML 6Page - NXP Semiconductors LPC2220 Datasheet HTML 7Page - NXP Semiconductors LPC2220 Datasheet HTML 8Page - NXP Semiconductors LPC2220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
4 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
4.
Block diagram
(1) When test/debug interface is used, GPIO/other functions sharing these pins are not available.
(2) Shared with GPIO.
(3) LPC2210/01 and LPC2220 only.
Fig 1.
Block diagram
002aaa793
system
clock
SCL
P0
P2
P1
P3
SDA
CS[3:0](2)
A[23:0](2)
BLS[3:0](2)
OE, WE(2)
D[31:0](2)
TRST(1)
TMS(1)
TCK(1)
TDI(1)
TDO(1)
XTAL2
XTAL1
SCK0, SCK1
MOSI0, MOSI1
MISO0, MISO1
EINT[3:0]
4
× CAP0
4
× CAP1
4
× MAT1
4
× MAT0
AIN[7:0]
PWM[6:1]
SSEL0, SSEL1
TXD0, TXD1
RXD0, RXD1
DSR1, CTS1,
RTS1, DTR1
DCD1, RI1
AMBA AHB
(Advanced High-performance Bus)
AHB BRIDGE
TEST/DEBUG
INTERFACE
AHB
DECODER
AHB TO APB
BRIDGE
APB
DIVIDER
VECTORED
INTERRUPT
CONTROLLER
SYSTEM
FUNCTIONS
PLL
SPI AND SSP(3)
SERIAL INTERFACES
0 AND 1
I2C SERIAL
INTERFACE
UART0/UART1
REAL-TIME CLOCK
WATCHDOG
TIMER
SYSTEM
CONTROL
EXTERNAL
INTERRUPTS
GENERAL
PURPOSE I/O
PWM0
CAPTURE/
COMPARE
TIMER 0/TIMER 1
A/D CONVERTER
ARM7TDMI-S
LPC2210
LPC2210/01
LPC2220
INTERNAL
SRAM
CONTROLLER
16/64 kB
SRAM
APB (Advanced
Peripheral Bus)
RESET
EXTERNAL MEMORY
CONTROLLER
ARM7 local bus
P0
P1
FAST GENERAL
PURPOSE I/O(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50