| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2158 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2158 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 45 page ![]() LPC2157_2158_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 15 October 2008 6 of 45 NXP Semiconductors LPC2157/2158 Single-chip 16-bit/32-bit microcontrollers P0[6]/MOSI0/ CAP0[2]/AD1[0] 18[4] I/O P0[6] — General purpose input/output digital pin (GPIO). I/O MOSI0 — Master Out Slave In for SPI0. Data output from SPI master or data input to SPI slave. I CAP0[2] — Capture input for Timer 0, channel 2. I AD1[0] — ADC 1, input 0. P0[7]/SSEL0/ PWM2/EINT2 19[2] I/O P0[7] — General purpose input/output digital pin (GPIO). I SSEL0 — Slave Select for SPI0. Selects the SPI interface as a slave. O PWM2 — Pulse Width Modulator output 2. I EINT2 — External interrupt 2 input. P0[8]/TXD1/ PWM4/AD1[1] 20[4] I/O P0[8] — General purpose input/output digital pin (GPIO). O TXD1 — Transmitter output for UART1. O PWM4 — Pulse Width Modulator output 4. I AD1[1] — ADC 1, input 1. P0[9]/RXD1/ PWM6/EINT3 21[2] I/O P0[9] — General purpose input/output digital pin (GPIO). I RXD1 — Receiver input for UART1. O PWM6 — Pulse Width Modulator output 6. I EINT3 — External interrupt 3 input. P0[10]/RTS1/ CAP1[0]/AD1[2] 22[4] I/O P0[10] — General purpose input/output digital pin (GPIO). O RTS1 — Request to Send output for UART1. I CAP1[0] — Capture input for Timer 1, channel 0. I AD1[2] — ADC 1, input 2. P0[11]/CTS1/ CAP1[1]/SCL1 23[3] I/O P0[11] — General purpose input/output digital pin (GPIO). I CTS1 — Clear to Send input for UART1. I CAP1[1] — Capture input for Timer 1, channel 1. I/O SCL1 — I2C1 clock input/output. Open-drain output (for I2C-bus compliance) P0[12]/DSR1/ MAT1[0]/AD1[3] 24[4] I/O P0[12] — General purpose input/output digital pin (GPIO). I DSR1 — Data Set Ready input for UART1. O MAT1[0] — Match output for Timer 1, channel 0. I AD1[3] — ADC 1 input 3. P0[13]/DTR1/ MAT1[1]/AD1[4] 25[4] I/O P0[13] — General purpose input/output digital pin (GPIO). O DTR1 — Data Terminal Ready output for UART1. O MAT1[1] — Match output for Timer 1, channel 1. I AD1[4] — ADC 1 input 4. P0[14]/DCD1/ EINT1/SDA1 26[3] I/O P0[14] — General purpose input/output digital pin (GPIO). I DCD1 — Data Carrier Detect input for UART1. I EINT1 — External interrupt 1 input. I/O SDA1 — I2C1 data input/output. Open-drain output (for I2C-bus compliance). Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take over control of the part after reset. Table 2. Pin description LPC2157 …continued Symbol Pin Type Description |